Part Number Hot Search : 
IB815 CR0300SC BD9150 HT46R322 TFS341A HCF40161 DTC123 H1102
Product Description
Full Text Search
 

To Download DG201208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG2012
Vishay Siliconix
Low-Voltage Single SPDT Analog Switch
DESCRIPTION
The DG2012 is a single-pole/double-throw monolithic CMOS analog switch designed for high performance switching of analog signals. Combining low power, high speed (tON: 17 ns, tOFF: 13 ns), low on-resistance (rDS(on): 1 ) and small physical size (SC70), the DG2012 is ideal for portable and battery powered applications requiring high performance and efficient use of board space. The DG2012 is built on Vishay Siliconix's low voltage submicron CMOS process. An epitaxial layer prevents latchup. Break-before -make is guaranteed for DG2012. Each switch conducts equally well in both directions when on, and blocks up to the power supply level when off.
FEATURES
* * * * * * Low Voltage Operation (1.8 V to 5.5 V) Low On-Resistance - rDS(on): 1 Typ. Fast Switching - tON: 17 ns, tOFF: 13 ns Low Leakage TTL/CMOS Compatible 6-Pin SC-70 Package
Pb-free Available
RoHS*
COMPLIANT
BENEFITS
* * * * Reduced Power Consumption Simple Logic Interface High Accuracy Reduce Board Space
APPLICATIONS
* * * * * Cellular Phones Communication Systems Portable Test Equipment Battery Operated Systems Sample and Hold Circuits
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
SC-70
IN V+ GND 1 2 3 Top View Device Marking: E7xx 6 5 4 NO (Source1) COM NC (Source2)
Logic 0 1
NC ON OFF
NO OFF ON
ORDERING INFORMATION
Temp Range - 40 to 85 C Package SC70-6 Part Number DG2012DL-T1 DG2012DL-T1-E3
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 72176 S-70852-Rev. B, 30-Apr-07 www.vishay.com 1
DG2012
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS
Parameter Referenced V+ to GND IN, COM, NC, NOa Continuous Current (NO, NC and COM Pins) Peak Current (Pulsed at 1 ms, 10 % duty cycle) Storage Temperature (D Suffix) Power Dissipation (Packages)b 6-Pin SO70c Limit - 0.3 to + 6 - 0.3 to (V+ + 0.3) 100 300 - 65 to 150 250 Unit V mA C mW
Notes: a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 3.1 mW/C above 70 C.
SPECIFICATIONS (V+ = 2.0 V)
Test Conditions Otherwise Unless Specified V+ = 2.0 V, 10 %, VIN = 0.4 or 1.6 Ve Limits - 40 to 85 C Tempa Minb Typc Maxb Unit
Parameter Analog Switch Analog Signal Ranged On-Resistance rON Flatnessd rON Matchd
Symbol VNO, VNC VCOM rON rON Flatness rON INO(off) INC(off) ICOM(off)
Full V+ = 1.8 V, VCOM = 0.2 V/0.9 V INO, INC = 10 mA V+ = 1.8 V, VCOM = 0 to V+, INO, INC = 10 mA Room Fulld Room Room V+ = 2.2 V VNO, VNC = 0.5 V/1.5 V, VCOM = 1.5 V/0.5 V Room Full Room Fulld Room Fulld Full Full Full VIN = 0 or V+ Full Room Fulld Room Fulld Room CL = 1 nF, VGEN = 0 V, RGEN = 0 , Figure 3 RL = 50 , CL = 5 pF, f = 1 MHz Room Room Room Room Room
0 2.7 2.7
V+ 5.3 5.3 3 0.25
V
Switch Off Leakage Current
f
- 0.5 - 5.0 - 0.5 - 5.0 - 0.5 - 5.0 1.6
0.5 5.0 0.5 5.0 0.5 5.0 nA
Channel-On Leakage Currentf Digital Control Input High Voltage Input Low Voltage Input Capacitanced Input Current
f
ICOM(on)
V+ = 2.2 V, VNO, VNC = VCOM = 0.5 V/1.5 V
VINH VINL Cin IINL or IINH
0.4 3 -1 43 23 2 7 - 63 - 64 22 58 1 63 65 45 46
V pF A
Dynamic Characteristics Turn-On Timed Turn-Off Timed Break-Before-Make Timed Charge Injection Off-Isolation Crosstalkd NO, NC Off Capacitanced Channel-On Capacitanced
d d
tON tOFF td QINJ OIRR XTALK CNO(off) CNC(off) CON VNO or VNC = 1.5 V, RL = 300 , CL = 35 pF Figures 1 and 2
ns
pC dB
VIN = 0 or V+, f = 1 MHz
pF
www.vishay.com 2
Document Number: 72176 S-70852-Rev. B, 30-Apr-07
DG2012
Vishay Siliconix
SPECIFICATIONS (V+ = 3.0 V)
Test Conditions Otherwise Unless Specified V+ = 3 V, 10 %, VIN = 0.6 or 2.0 Ve Limits - 40 to 85 C Tempa Minb Typc Maxb Unit
Parameter Analog Switch Analog Signal Ranged On-Resistance rON Flatness rON MatchFlat Switch Off Leakage Currentf
Symbol VNO, VNC VCOM rON rON Flatness rON INO(off) INC(off) ICOM(off)
Full V+ = 2.7 V, VCOM = 0.2 V/1.5 V, INO INC = 10 mA V+ = 2.7 V, VCOM = 0 to V+, INO, INC = 10 mA Room Full Room Room V+ = 3.3 V VNO, VNC = 1 V/3 V, VCOM = 3 V/1 V V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V Room Full Room Full Room Full Full Full Full VIN = 0 or V+ Full Room Full Room Full Room CL = 1 nF, VGEN = 0 V, RGEN = 0 , Figure 3 RL = 50 , CL = 5 pF, f = 1 MHz Room Room Room Room Room
0 1.4 1.6
V+ 2.1 2.3 0.85 0.25
V
- 0.5 - 5.0 - 0.5 - 5.0 - 0.5 - 5.0 2
0.5 5.0 0.5 5.0 0.5 5.0 nA
Channel-On Leakage Currentf Digital Control Input High Voltage Input Low Voltage Input Capacitanced Input Currentf Dynamic Characteristics Turn-On Time Turn-Off Time Break-Before-Make Time Charge Injection Off-Isolation Crosstalkd NO, NC Off Capacitanced Channel-On Capacitanced Power Supply Power Supply Range Power Supply Current
d d
ICOM(on)
VINH VINL Cin IINL or IINH
0.6 3 -1 27 17 1 10 - 63 - 64 21 57 1.8 5.5 0.01 1.0 1 47 48 37 38
V pF A
tON tOFF td QINJ OIRR XTALK CNO(off) CNC(off) CON V+ I+ VIN = 0 or V+ VNO or VNC = 2.0 V, RL = 300 , CL = 35 pF Figures 1 and 2
ns
pC dB
VIN = 0 or V+, f = 1 MHz
pF
V A
Document Number: 72176 S-70852-Rev. B, 30-Apr-07
www.vishay.com 3
DG2012
Vishay Siliconix
SPECIFICATIONS (V+ = 5.0 V)
Test Conditions Otherwise Unless Specified V+ = 5 V, 10 %, VIN = 0.8 or 2.4 Ve Limits - 40 to 85 C Tempa Minb Typc Maxb Unit
Parameter Analog Switch Analog Signal Ranged On-Resistance rON Flatnessd rON Matchd
Symbol VNO, VNC VCOM rON rON Flatness rON INO(off) INC(off) ICOM(off)
Full V+ = 4.5 V, VCOM = 0.5 V/2.5 V INO, INC = 10 mA V+ = 4.5 V, VCOM = 0 to V+, INO, INC = 10 mA Room Full Room Room V+ = 5.0 V VNO, VNC = 0.5 V/4.5 V, VCOM = 4.5 V/0.5 V V+ = 5.0 V, VNO, VNC = VCOM = 0.5 V/4.5 V Room Full Room Full Room Full Full Full Full VIN = 0 or V+ Full Room Full Room Full Room CL = 1 nF, VGEN = 0 V, RGEN = 0 , Figure 3 RL = 50 , CL = 5 pF, f = 1 MHz Room Room Room Room Room
0 1.0 1.2
V+ 1.8 1.9 0.55 0.25
V
Switch Off Leakage Current
- 0.5 - 5.0 - 0.5 - 5.0 - 0.5 - 5.0 2.4
0.5 5.0 0.5 5.0 0.5 5.0 nA
Channel-On Leakage Current Digital Control Input High Voltage Input Low Voltage Input Capacitance Input Current Dynamic Characteristics Turn-On Timed Turn-Off Timed Break-Before-Make Timed Charge Injection Off-Isolation Crosstalkd Source-Off Capacitanced Channel-On Capacitanced
d d
ICOM(on)
VINH VINL Cin IINL or IINH
0.8 3 -1 17 13 1 20 - 63 - 64 20 56 1 38 39 32 33
V pF A
tON tOFF td QINJ OIRR XTALK CNO(off) CNC(off) CON VNO or VNC = 3 V, RL = 300 , CL = 35 pF Figures 1 and 2
ns
pC dB
VIN = 0 or V+, f = 1 MHz
pF
Notes: a. Room = 25 C, Full = as determined by the operating suffix. b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. c. Typical values are for design aid only, not guaranteed nor subject to production testing. d. Guarantee by design, nor subjected to production test. e. VIN = input voltage to perform proper function. f. Guaranteed by 5 V leakage testing, not production tested.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com 4
Document Number: 72176 S-70852-Rev. B, 30-Apr-07
DG2012
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
6 IS = 10 mA 5 r ON - On-Resistance () r ON - On-Resistance () 5 6 IS = 10 mA
4 V+ = 1.8 V 3 V+ = 2 V 2 V+ = 3 V V+ = 5 V
4 V+ = 2 V 3 85 C 25 C V+ = 3 V 85 C - 40 C 25 C - 40 C V+ = 5 V 85 C 25 C
2
1
1 - 40 C
0 0 1 2 3 4 5
0 0 1 2 3 4 5
VCOM - Analog Voltage (V)
VCOM - Analog Voltage (V)
rON vs. VCOM and Supply Voltage
10000 V+ = 5 V VIN = 0 V I+ - Supply Current (nA) 1000 I+ - Supply Current (A) 10 m 1m 100 10 1 100 n 10 n 1n 1 - 60 100 p - 40 - 20 0 20 40 60 80 100 10
rON vs. Analog Voltage and Temperature
V+ = 3 V
100
10
100
1K
10 K
100 K
1M
10 M
Temperature (C)
Input Switching Frequency (Hz)
Supply Current vs. Temperature
250 V+ = 5 V 200 150 Leakage Current (pA) 100 Leakage Current (pA)
Supply Current vs. Input Switching Frequency
1000
V+ = 5 V T = 25 C ICOM(off)
100 50 0 - 50 - 100 - 150 INO(off)/INC(off) ICOM(on)
10
INO(off)/INC(off)
ICOM(on)
1 ICOM(off) 0.1 - 60 - 200 - 250 - 40 - 20 0 20 40 60 80 100 0 1 2 3 4 5 Temperature (C) VCOM, V NO, V NC - Analog Voltage
Leakage Current vs. Temperature
Leakage vs. Analog Voltage
Document Number: 72176 S-70852-Rev. B, 30-Apr-07
www.vishay.com 5
DG2012
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
50 t OFF - Switching Time (ns) 45 Loss, OIRR, XTALK (dB) 40 35 30 25 20 15 10 5 0 - 60 tON V+ = 3 V tOFF V+ = 2 V tOFF V+ = 3 V tON V+ = 5 V tOFF V+ = 5 V tON V+ = 2 V 10 0 - 10 - 20 - 30 - 40 - 50 - 60 - 70 - 80 - 90 100 K XTALK V+ = 5 V RL = 50 OIRR LOSS
t ON,
- 40
- 20
0
20
40
60
80
100
1M
10 M Frequency (Hz)
100 M
1G
Temperature (C)
Switching Time vs. Temperature and Supply Voltage
3.0 30
Insertion Loss, Off-Isolation Crosstalk vs. Frequency
V T - Switching Threshold (V)
2.5 Q - Charge Injection (pC)
20 V+ = 5 V 10 V+ = 3 V
2.0
1.5
0 V+ = 2 V - 10
1.0
0.5
- 20
0.0 0 1 2 3 4 5 6 7 V+ - Supply Voltage (V)
- 30 0 1 2 3 4 5 6 VCOM - Analog Voltage (v)
Switching Threshold vs. Supply Voltage
Charge Injection vs. Analog Voltage
www.vishay.com 6
Document Number: 72176 S-70852-Rev. B, 30-Apr-07
DG2012
Vishay Siliconix
TEST CIRCUITS
V+ Logic Input V+ Switch Input NO or NC IN Logic Input GND RL 300 CL 35 pF COM Switch Output VOUT
VINH 50 % VINL
tr < 5 ns tf < 5 ns
0.9 x VOUT Switch Output 0V tON tOFF
CL (includes fixture and stray capacitance) VOUT = VCOM RL R L + R ON
Logic "1" = Switch On Logic input waveforms inverted for switches that have the opposite logic sense.
Figure 1. Switching Time
V+ Logic Input COM VO RL 300 CL 35 pF VINH VINL tr < 5 ns tf < 5 ns
V+ VNO VNC NO NC IN GND
VNC = VNO VO Switch Output 0V
90 %
tD
tD
CL (includes fixture and stray capacitance)
Figure 2. Break-Before-Make Interval
V+
Rgen + Vgen
V+ COM IN GND NC or NO VOUT VOUT CL = 1 nF IN On
VOUT
Off Q = VOUT x CL
On
VIN = 0 - V+ IN depends on switch configuration: input polarity determined by sense of switch.
Figure 3. Charge Injection
Document Number: 72176 S-70852-Rev. B, 30-Apr-07
www.vishay.com 7
DG2012
Vishay Siliconix
TEST CIRCUITS
V+ 10 nF
V+ NC or NO IN COM RL V COM Off Isolation = 20 log V NO/ NC 0 V, 2.4 V
GND
Analyzer
Figure 4. Off-Isolation
V+ 10 nF
V+ COM Meter IN 0 V, 2.4 V NC or NO GND HP4192A Impedance Analyzer or Equivalent f = 1 MHz
Figure 5. Channel Off/On Capacitance
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?72176.
www.vishay.com 8
Document Number: 72176 S-70852-Rev. B, 30-Apr-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DG201208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X